Part Number Hot Search : 
HC406 R7220408 PEMH1 MA2B182 A7733P AGM2464E PSOT12 SITU2011
Product Description
Full Text Search
 

To Download 91627-0501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0916270501 Active
rast_5_connector_system 5.00mm (.197") Pitch Appli-Mate RAST 5 IDT Housing, Direct/Indirect, Female, 2 Circuits, Glow Wire Compatible, Removed Coding Keys None, End Wall Open
Documents: 3D Model Drawing (PDF)
Product Specification PS-91627-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Crimp Quality Equipment Overview Product Name Use With IDT and Solder Connectors 91627 Yes rast_5_connector_system RAST 5 RAST standard interface
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Stackable Temperature Range - Operating Termination Interface: Style Wire Size AWG 2 2 Natural (White) 10 94V-2 Female Yes Yes High Performance Alloy (HPA) Tin Tin Nylon 1 Tray No 0.197 In 5.00 mm 0.197 In 5.00 mm 32 0.80 32 0.80 No No -40C to +120C IDT or Pierce 22, 24
Search Parts in this Series 91627Series Mates With 90860 Appli-Mate(R) Vertical Header. 90861 Appli-Mate(R) Right Angle Header Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Appli-Mate Rast 0622030000 2.5 Power Manual Terminator RAST 2.5 Semi0623006000 Automatic Terminator Machine For Appli-MateTM Connectors
Electrical
Current - Maximum per Contact Voltage - Maximum 6A 250V AC
Material Info
Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-91627-001 PK-91627-001 PS-91627-001 SD-91627-001
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 91627-0501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X